Part Number Hot Search : 
P5NK80Z 13C2D2A AD9970 CS005L B66455P B66455P 2SK3299 2SC5104
Product Description
Full Text Search
 

To Download LR-SH-103DF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  contact rating 8a 277vac 8a 30vdc 8a ac 400v dc 30v 8a 2000va 240w ag alloy spst rated load (resistive) rated carrying current max. allowable voltage max. allowable current load type contact material contact form max. allowable power force lr (dm) 8a 277vac 8a 30vdc 8a ac 400v dc 30v 8a 2000va 240w ag alloy spdt lr (d) safety standard & file number accessories & sockets application performance (at initial value) plc, factory machine, timer / counter, temperature controller, measuring instrument, testing instrument, oa equipments...etc. 1. 5mm slim size with 8a rated load. 2. 170mw low power consumption. 3. dielectric strength up to 4,000vac and surge strength reached 6,000v. 4. 8mm creepage and clearance safety distance. 5. ul class f insulation available. 6. halogen free series available. 7. comply with rohs and reach regulations. main feature c ont a c t r e s i s t anc e ............... 100m m a x . @ 1 a , 6 v d c o per a t e t i m e ......................... 8 m s e c . m a x . r e l eas e t i m e ........................ 4 m s e c . m a x . d i e l e c t r i c s t r e n g t h : b e t w een c o il & c o n t a c t ? ? . . 4 , 000 v a c a t 50/ 60 h z f o r o ne m i n u t e b e t w een c o n t a c t s .................. 1 , 000 v a c a t 5 0 / 6 0 h z f o r o ne m i n u t e s u r g e s t r eng t h ...................... 6 , 000 v ( bet w een c o i l & c ont a c t 1 . 2 / 50 s e c . ) i n s u l a t i o n r e s i s t anc e ............ 100 m ega m i n . a t 500v d c m a x . o n / o f f s w i t c h i n g : e l e c t r i c a l ................................ . 6 c ycl e s per m i n u t e m e c h a n i c a l ............................. 180 c ycl e s per m i nut e t e m p e r a t u r e r a nge .............. - 4 0 + 8 5 c h u m i d i t y r ange ..................... 45~ 8 5 % rh. c o i l t e m p e r a t u r e r i s e .......... 4 0 c m a x . v i b r a t i o n : s hoc k : l i f e e x pec t anc y : m e c h a n i c a l ....................... 5 x 1 0 6 o per a t i ons a t n o load c ondi t i o n e l e c t r i c a l ........................... ( n o : 5 x 1 0 4 , n c : 3 x 1 0 4) o per a t i o n s a t r a t e d r e s i s t i v e l oad w e i g h t ............................. a bou t 6 g p l f ? ?????????? s ee p a g e 1 68 s ee p a g e 1 68 s ee p a g e 1 68 s ee p a g e 1 68 p l s ???? ? ?? ? ?? ? p l - 0 5 - 0 ? . . . ????. . ?. ? j u m per ???????? ? u l & c - u l . ... . ........................ e 1410 6 0 & e 17573 0 v d e . ................................ ...... 40029874 ...................... ...................... ...................... 1 , 000 m / s ...................... 100 m / s 2 2 destruction 10 to 55 to 10 hz,0.75 mm single amplitude (1.5mm double amplitude) 10 to 55 to 10 hz,0.75 mm single amplitude (1.5mm double amplitude) malfunction destruction malfunction 38 lr
v . 0 1ez lr-ss/sh-d lr-ss/sh-d-l model coil type contact form flux proofed wash tight classification c o il s ens i t i v i t y n o m i nal v o l t age ( v d c ) n o m i nal c u rrent ( m a ) c o il r e s i s t anc e (?10% ) p o w e r c ons u m p t i on (w) p u l l - i n v o l t age ( v dc) d r o p - o u t v o l t age ( v d c ) m a x i m u m a llo w abl e v o l t age ( v d c ) coil specification (at 20c) 3 4.5 5 6 9 12 15 18 24 56.6 37 34 28.3 18.8 14.2 11.3 9.4 7.1 53 121 147 211 476 847 1,323 1,905 3,388 abt. 0.17 70% maximum 5% minimum 150% lr dimension (<5mm 0.2mm, >5mm 0.3mm, the tolerance of pcb thru hole: +0.1mm) ordering information lr s t andar d dc c o i l l r - s h - 1 1 2 d m n l f i nsul a t i on s y s t e m : n i l : s t andar d c l a s s f : c l a ss f o per a t i on f unct i on: n i l : v e r t i c a l m ount i n g l : lev e l m ount i n g c ont act m a t e r i a l : n i l : a g n i n : a g s n o 2 s : a g s n o 2 g i l ded c ont act for m : n i l : o ne for m c m : o ne f o r m a c o il t ype: d : s t andar d dc c o il v o l t age: 0 3 : 3 v , 0 4 : 4 . 5 v , 0 5 : 5 v , 0 6 : 6 v , 0 9 : 9 v , 1 2 : 1 2 v , 1 5 : 1 5 v , 1 8 : 1 8 v , 2 4 : 2 4 v n u m ber o f p o l e : 1 : o ne p o l e t y pe o f s ealin g : s s : r t i i f l u x p r o o f e d s h : r t i i i w a s h t i ght t y pe: l r 1 c 1 a l r -ss - 1 d / f l r -sh - 1 d / f l r -ss - 1 dl / f l r -sh - 1 dl / f l r -ss - 1 d m / f l r -sh - 1 d m / f l r -ss - 1 d m l / f l r -sh - 1 d m l / f 1.2 5.0 ?0.4 ?0.4 1.0 1.0 0.9 28.0 5.08 5.08 11.44 3.81 0.88 15.0 3.8 3.81 11.44 5.08 5.08 28.0 1.2 5.0 2-?1.0 3-?1.3 ?0.4 ?0.4 1.0 1.0 0.9 28.0 5.08 5.08 11.44 3.81 0.88 5.0 2.5 15.0 1.2 16.0 3.81 11.44 5.08 5.08 28.0 15.8 2-?1.0 3-?1.3 p.c.b layout bottom view p.c.b layout bottom view bottom view bottom view www.goodsky.com.tw 39 lr lr


▲Up To Search▲   

 
Price & Availability of LR-SH-103DF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X